Part Number Hot Search : 
102MP3 PF240A25 RTL82 01089 BPC2508 STD83 AM29F01 AD734
Product Description
Full Text Search
 

To Download NT3225SA-13M-NSA3630A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal oscillator - 5 - 12a_0821_nt3225sa_afc_e model name nt3225sa temperature compensated crystal oscillator with afc function (vc-tcxo) nt3225s series for mobile phones, etc. main application supports low power supply voltage. (supports dc +1.7 v to +3.3 v) compact and light with a height, cubic volume, and weight of max. 1.0 mm, 0.007 cm 3 , and 0.024g, respectively. with an afc (automatic frequency control) function. low power consumption. a surface-mount crystal oscillator. (refow soldering is possible.) lead-free. meets the requirements for re-fow profling using lead-free solder . features item model nt3225sa nominal frequency range (mhz) 10 to 40 standard frequency (mhz) 10, 12, 12.288, 12.8, 13, 14.4, 14.7456, 15, 15.36, 16, 16.368, 16.369, 16.384, 16.8, 18, 19.2, 19.44, 19.68, 20, 21.25, 22.4, 24, 24.576, 25, 26 38.4, 40 supply voltage [v cc ] (v) +3.0 load impedance 10 k//10 pf current consumption (ma) max. 1.5 max. 1.7 output voltage min. 0.8 v(p-p) (dc coupling *1) frequency/temperature characteristics max. 2.510 C6 operating temperature range (c) C30 to +75 storage temperature range (c) C40 to +85 frequency/voltage coeffcient max. 0.310 C6 /+3.0 v5 % frequency/load coeffcient max. 0.210 C6 /(10 k//10 pf) 10 % long-term frequency stability max. 1.010 C6 /year frequency control range 9.010 C6 to 15.010 C6 /+1.5 v1 v (*2) ? frequency setting conditions 1. frequencies are set at normal temperatures (+252 c). ? if you require a product with a different frequency, power supply voltage, frequency control range, etc. to the standard specifcations, please contact us with your enquiries. *1. a dc-cut capacitor is not embedded in this crystal oscillator. connect a dc-cut capacitor (1,000 pf) to the line-out terminal of the oscillator. *2. this is a representative specifcation. the specifcations may change according to the frequency and the supply voltage that you request. specifcations 2.65 0. 3 0.3 0.25 0.25 1.2 1.2 3.2 0.2 0.9 0.1 2.24 0.2 #1 #4 #2 #1 #2 #3 2.5 0.2 #4 #3 0.4 0.1 0.7 0.2 0.83 0.1 (0.2 0.2) land pattern (typical ) mm #1 #2 #3 #4 v cont gnd output v cc terminal land connection s dimensions v cont
crystal oscillator - 6 - 1411b_nt3225sa_afc_e model name nt3225sa temperature compensated crystal oscillator with afc function (vc-tcxo) nt3225s series list of ordering codes frequency (mhz) ordering code 10 nt3225sa-10m-nsa3630a 12 nt3225sa-12m-nsa3630a 12.288 nt3225sa-12.288m-nsa3630a 12.8 nt3225sa-12.8m-nsa3630a 13 NT3225SA-13M-NSA3630A 14.4 nt3225sa-14.4m-nsa3630a 14.7456 nt3225sa-14.7456m-nsa3630a 15 nt3225sa-15m-nsa3630a 15.36 nt3225sa-15.36m-nsa3630a 16 nt3225sa-16m-nsa3630a 16.368 nt3225sa-16.368m-nsa3630a 16.369 nt3225sa-16.369m-nsa3630a 16.384 nt3225sa-16.384m-nsa3630a 16.8 nt3225sa-16.8m-nsa3630a 18 nt3225sa-18m-nsa3630a 19.2 nt3225sa-19.2m-nsa3630a 19.44 nt3225sa-19.44m-nsa3630a 19.68 nt3225sa-19.68m-nsa3630a 20 nt3225sa-20m-nsa3630a 21.25 nt3225sa-21.25m-nsa3630b 22.4 nt3225sa-22.4m-nsa3630b 24 nt3225sa-24m-nsa3630b 24.576 nt3225sa-24.576m-nsa3630b 25 nt3225sa-25m-nsa3630b 26 nt3225sa-26m-nsa3630b 38.4 nt3225sa-38.4m-nsa3630c 40 nt3225sa-40m-nsa3630c the above frequencies are ndks standard frequencies. frequencies other than the above are available. feel free to contact our sales representatives.


▲Up To Search▲   

 
Price & Availability of NT3225SA-13M-NSA3630A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X